PART |
Description |
Maker |
KM681002A-12 KM681002AI-15 KM681002A-20 KM681002A |
128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range. 128Kx8高速静RAM5V工作,革命频出。在经营商业和工业温度范围 JT 26C 26#20 PIN WALL RECP JT 55C 55#22M PIN PLUG
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
BR-HY033-12V BR-HY033-15V BR-HY033-05V BR-HUB33-09 |
MB 8C 8#12 PIN RECP 表面贴装电阻芯片LED节能 SURFACE MOUNT RESISTOR CHIP LED LAMPS 表面贴装电阻芯片LED节能 MB 8C 8#12 SKT PLUG MB 16C 16#16 PIN PLUG MB 41C 41#20 SKT PLUG MB 41C 41#20 PIN PLUG MB 19C 19#12 SKT PLUG
|
Yellow Stone, Corp. American Bright Optoelectronics, Corp. 早安股份有限公司 Yellow Stone Corp
|
1MBH03D-120 |
MB 26C 26#20 SKT PLUG Ratings and characterisitcs Fuji IGBT
|
FUJI ELECTRIC HOLDINGS CO., LTD. FUJI[Fuji Electric]
|
BTA204X-500D BTA204X-500E BTA204X-500F BTA204X-600 |
Three quadrant triacs guaranteed commutation(三象限双向确保换向可控硅) PT 26C 26#20 SKT PLUG
|
PHILIPS[Philips Semiconductors]
|
PC-17T1 PC-17T2 PC-17T4 PC17T1 |
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting) 光耦合器(这些光电耦合器包括一个红外线发射镓砷化物 KPT 26C 26#20 SKT PLUG
|
KODENSHI, CORP. KODENSHI CORP. Kondenshi Corp
|
IMO 24IMO6-03-2 24IMO6-0505-2 24IMO6-05-2 24IMO6-1 |
6 Watt DC-DC Converters 6WattDC-DCConverters GT 6C 6#16S SKT PLUG GT 4C 4#16S SKT PLUG GT 4C 4#16S PIN PLUG GT 3C 3#16S PIN PLUG GT 6C 6#16S PIN PLUG GT 7C 7#16S SKT PLUG GT 3C 3#16S SKT PLUG 6瓦的DC - DC转换
|
POWER-ONE[Power-One]
|
TFDS6402 TFDS6402-TR3 TFDS6502E TFDU6102E-TT3 TFDS |
Infrared transceivers Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation 5015 RR 3#12 PIN PLUG 5015 RR 3#16S PIN PLUG 5015 RR 1#4 SKT PLUG 快速红外收发器模块系列兆飞行情报区/秒)2.6 V.5 V工作电压
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
1N3055 1N3457 1N277 AA117 OA47 1N87 AAY32 1N527 1N |
From old datasheet system GT 24C 24#16 PIN PLUG GT 7C 7#12 PIN PLUG JEDEC DO-7 PACKAGE 符合JEDECDO - 7封装 GT 24C 24#16 SKT PLUG 符合JEDEC的DO - 7封装
|
Jedec ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. List of Unclassifed Manufac...
|
472G04PP460R 472G04PP481R 472G04PP580R 223H04PP460 |
POLYPROPYLENE-FOIL SELF CASED AXIAL LEADS FPC connectors, 1.25mm of mounting height on PCB, LIF structure, Over-molding structure, Flip-lock (one-touch rotating system), Horizontal staggered pin design; 5015 RR 4#12 PIN PLUG Snap Action Basic Switch; Contact Current Max:50mA; Circuitry:SPDT; Switch Terminals:Through Hole; Actuator Style:Pin Plunger; Current Rating:50 mA A; Features:Snap Over Hinged Lever And Roller Actuator RoHS Compliant: Yes ECONOMY FO CERAMIC SIMPLX62.5 PVC ST/ST 3M 聚丙烯箔自套管轴向引 SENSOR POSITION LINEAR SLIDE 10K 聚丙烯箔自套管轴向引 POT 50K OHM 12MM HORZ NO BUSHING 聚丙烯箔自套管轴向引 Mini lighted green SPST, "o -" 聚丙烯箔自套管轴向引 POT 500K OHM 6MM CARBON TOP ADJ 聚丙烯箔自套管轴向引 ECON FO CERAMIC 62.5 PVC SC/LC 3M 聚丙烯箔自套管轴向引 SWITCH ROCKER SPST BLK 10A QC TE 聚丙烯箔自套管轴向引 MB 26C 26#20 SKT PLUG 聚丙烯箔自套管轴向引 MB 26C 26#20 PIN PLUG 聚丙烯箔自套管轴向引 MB 8C 8#12 SKT PLUG 聚丙烯箔自套管轴向引 PS, 10A 5V INPUT NON-ISOLATING ADJUSTABLE OUTPUT POWER MODULE 聚丙烯箔自套管轴向引 ECONOMY FO CERAMIC SIMPLX62.5 PVC ST/ST 5M 聚丙烯箔自套管轴向引 Connector RoHS Compliant: No 聚丙烯箔自套管轴向引 5015 RR 3#16S PIN PLUG 聚丙烯箔自套管轴向引 ECON FO CERAMIC 62.5 PVC ST/MT 3M 聚丙烯箔自套管轴向引 MB 3C 3#20 PIN PLUG 聚丙烯箔自套管轴向引 POLYPROPYLENE-FOIL SELF CASED AXIAL LEADS 聚丙烯箔自套管轴向引 ECON FO CERAMIC 62.5 PVC LC/LC 3M 聚丙烯箔自套管轴向引 GASKET 聚丙烯箔自套管轴向引 SEALS; BODY MATERIAL: SYNTHETIC RUBBER; CONNECTOR TYPE: GASKET RoHS Compliant: No 聚丙烯箔自套管轴向引 Snap Action Basic Switch; Contact Current Max:15.1A; Circuitry:SPDT; Switch Terminals:Through Hole; Actuator Style:Pin Plunger; Features:Snap Over Hinged Lever And Roller Actuator; Leaded Process Compatible:No RoHS Compliant: Yes 聚丙烯箔自套管轴向引 ECON FO CERAMIC 62.5 PVC MT/MT 5M ECON FO CERAMIC 62.5 PVC LC/MT 3M ECON FO CERAMIC 62.5 PVC MT/MT 3M ECON FO CERAMIC 6.25 PVC ST/ST 3M ARTESYN PART TERM BLOCK PLUG 3.81MM 10POS PCB MB 61C 61#20 PIN PLUG MB 8C 8#12 SKT RECP ECON FO CERAMIC 62.5 PVC LC/LC 5M ECON FO CERAMIC 62.5 PVC LC/MT 5M Snap Action Basic Switch; Contact Current Max:5A; Circuitry:SPDT; Switch Terminals:Through Hole; Actuator Style:Pin Plunger; Current Rating:5A; Features:Snap Over Hinged Lever And Roller Actuator; Leaded Process Compatible:No RoHS Compliant: Yes MB 16C 16#16 SKT RECP RoHS Compliant: No 5015 14#16 SKT PLUG 5015 RR 37#16 SKT PLUG CABLE, 8138, 8PAIR, 152M; Cores, No. of:16; Conductor make-up:7/36AWG; Area, conductor CSA:0.07mm2; Diameter, External:8.38mm; Material, secondary insulation:PVC; Length, Reel (Imperial):500ft; Colour, secondary insulation:Grey; RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:16; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:8; Leaded Process Compatible:Yes; Drop Ship:Yes RoHS Compliant: Yes
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] List of Unclassifed Man...
|
AD8036-EB AD8037-EB AD8037ACHIPS AD8036ACHIPS AD80 |
Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps MB 26C 26#20 PIN PLUG Connector assemblies, Test RoHS Compliant: Yes Low Distortion/ Wide Bandwidth Voltage Feedback Clamp Amps
|
Analog Devices, Inc.
|
93AA66A 93C66AIOT 93AA66AEOT 93AA66AIOT 93AA66AXIO |
PV74W20-39P 4K的微丝兼容串行EEPROM GT 26C 26#16 SKT PLUG 4K的微丝兼容串行EEPROM 4K Microwire Compatible Serial EEPROM 4K的微丝兼容串行EEPROM CONNECTOR ACCESSORY D52 - QUICK TY OPEN STRN RLF 45 DEG SLF Standard Recovery Power Rectifier; Mounting Type:Through Hole; Package/Case:DO-8 93AA66A/B/C/ 93C66A/B/C/ 93LC66A/B/C Datasheet JT 100C 100#22D PIN PLUG Circular Connector; No. of Contacts:100; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:22-35 RoHS Compliant: No Circular Connector; No. of Contacts:55; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:22-55 RoHS Compliant: No Circular Connector; No. of Contacts:100; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:22-35 RoHS Compliant: No Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:15-19 RoHS Compliant: No (93AA66A - 93AA66C) 4K Microwire Compatible Serial EEPROM 4K Microwire Compatible Serial EEPROM
|
Microchip Technology, Inc. Microchip Technology Inc.
|